PART |
Description |
Maker |
IXGT50N60B2 |
HiPerFASTTM IGBT B2-Class High Speed IGBTs
|
IXYS Corporation
|
99161 60N60B2 60N60B2D1 IXGR60N60B2 IXGR60N60B2D1 |
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
|
IXYS Corporation
|
IXGH50N60B2 IXGT50N60B2 |
IGBT Discretes: Mid-Frequency Range (15KHz-40KHz) Types Single IGBT HiPerFASTTM IGBT B2-Class High Speed IGBTs
|
IXYS Corporation
|
IGW03N120H2NBSP IGP03N120H2NBSP IGB03N120H2NBSP IG |
High Speed CMOS Logic Hex Non-Inverting Buffers 16-SOIC -55 to 125 高 -技 From old datasheet system HighSpeed 2-Technology IGBTs & DuoPacks - 3A 1200V HighSpeed2 IGBT TO247 IGBTs & DuoPacks - 3A 1200V HighSpeed2 IGBT TO220 IGBTs & DuoPacks - 3A 1200V HighSpeed2 IGBT D2Pak 1200V HighSpeed2 and 600V HighSpeed IGBT for switching frequency from 30kHz upwards. Focus applications: Lamp ballast, power supplies ...
|
INFINEON[Infineon Technologies AG]
|
TC4422VSM.SM713 TC4421 TC4421_04 TC4421CAT TC4421C |
The TC4421/4422 are high current buffer/drivers capable of driving large MOSFETs and IGBTs. They are essentially immune to any form ... 9A High-Speed MOSFET Drivers
|
MICROCHIP[Microchip Technology]
|
APT30GT60BR |
The Thunderbolt IGBTis a new generation of high voltage power IGBTs. Thunderbolt IGBT 600V 58A The Thunderbolt IGBT is a new generation of high voltage power IGBTs. The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBT?/a> is a new generation of high voltage power IGBTs.
|
Advanced Power Technology Ltd. ADPOW[Advanced Power Technology]
|
IXGH16N60C2D1 |
HiPerFAST IGBT C2-Class High Speed
|
IXYS
|
APT30GT60CR |
The Thunderbolt IGBTis a new generation of high voltage power IGBTs. The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBT is a new generation of high voltage power IGBTs. Thunderbolt IGBT 600V 30A
|
Advanced Power Technology Ltd. ADPOW[Advanced Power Technology]
|
IXGP16N60C2D1 IXGA16N60C2 |
HiPerFASTTM IGBT C2-Class High Speed IGBT 40 A, 600 V, N-CHANNEL IGBT, TO-220AB HiPerFASTTM IGBT C2-Class High Speed IGBT 40 A, 600 V, N-CHANNEL IGBT, TO-263AB
|
IXYS, Corp.
|
HGTD8P50G1S HGTD8P50G1 HGTP8P50G1 |
8A, 500V P-Channel IGBTs 8A 500V P-Channel IGBTs Mechanism, 2-inch w/front paper feed and partial cutter 8A/ 500V P-Channel IGBTs
|
http:// INTERSIL[Intersil Corporation]
|
APT15GT60BR |
The Thunderbolt IGBT?/a> is a new generation of high voltage power IGBTs. The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBT is a new generation of high voltage power IGBTs. Thunderbolt IGBT 600V 31A
|
ADPOW[Advanced Power Technology]
|